Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search
 

To Download AT-510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Attenuators (N,BNC,TNC)
AT-400, AT-500, and AT-600 Series
sFeatures
1.Connector Coupling Portion Variations
Coupling Portion N Type BNC Type TNC Type Plug - Jack Plug - Jack Plug - Jack HRS Series Name AT-400 Series AT-500 Series AT-600 Series
Can also be mated with an S type connector.
2.Small Size and Economical
Value engineering has been liberally applied to the design and construction to make these attenuators small and very economical.
3.High Reliability
AT-403 AT-503 AT-603
These attenuators show stable characteristics for environments of varying temperature, humidity, and gases.
sProduct Specifications
Frequency range Ratings Characteristic impedance Maximum Input Power DC to 4 GHz AT-400 Series AT-500 and 600 Series DC to 2 GHz Operating temperature range Operating relative humidity 50 ohms 2W Standard No electrical discontinuity of 1 s or more 2.Shock No damage, cracks, or parts dislocation Conditions Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm, acceleration of 98 m/s2 for 2 hours in each of 3 directions Acceleration of 490 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis Temperature: -55c +5c to +35c +85c +5c to +35c 3.Temperature cycle No damage, cracks, or parts dislocation
qThe test method conforms to MIL-STD-202.
-10c to +65c 95% Max.
Item 1.Vibration
Time: 30 15 max. 30 15 max. (Minutes) 200 cycles
sMaterials
Part Connector Body Insulator Male contacts Female contacts Attenuation element Material Brass PTFE Brass Beryllium copper Metal film Finish Nickel plating
----------
sOrdering Information
AT - 4 01
1 2 3 3 Attenuation
01 06 : 1dB : 6dB
Gold plating Gold plating
----------
1 AT: Indicates a fixed attenuator 2 Indicates the Series Name (Coupling Portion)
4: N plug - jack 5: BNC plug - jack 6: TNC plug - jack
81
sSpecifications
Part Number Frequency Range V.S.W.R.(Max) (MHz) DC~2000 AT-401 2000~4000 DC~2,000 AT-402 2000~4000 DC~2,000 AT-403 2000~4000 DC~2,000 AT-406 2000~4000 DC~2,000 AT-410 2000~4000 DC~2,000 AT-420 2000~4000 DC~1000 AT-503 1000~2000 DC~1000 AT-505 1000~2000 DC~1000 AT-506 1000~2000 DC~1000 AT-510 1000~2000 DC~1000 AT-514 1000~2000 DC~1000 AT-520 1000~2000 DC~1000 AT-603 1000~2000 DC~1000 AT-606 1000~2000 DC~1000 AT-610 1000~2000 DC~1000 AT-620 1000~2000 1.25 1.25 1.15 200.5 2 TNC-P*J 29 1.25 1.15 100.5 2 TNC-P*J 29 1.25 1.15 60.3 2 TNC-P*J 29 1.25 1.15 30.3 2 TNC-P*J 29 1.25 1.15 200.5 2 BNC-P*J 25 1.25 1.15 141.2 2 BNC-P*J 25 1.25 1.15 100.5 2 BNC-P*J 25 1.25 1.15 60.3 2 BNC-P*J 25 1.25 1.15 50.3 2 BNC-P*J 25 1.20 1.15 30.3 2 BNC-P*J 25 20 +0.8 _0.5 1.20 1.15 10 +0.8 _0.5 200.5 2 N-P*J 77 1.20 1.15 6 +0.5 _0.3 100.5 2 N-P*J 77 1.20 1.15 3 +0.5 _0.3 60.3 2 N-P*J 77 1.20 1.15 2 +0.5 _0.3 30.3 2 N-P*J 77 1.20 1.15 1 +0.5 _0.3 20.3 2 N-P*J 77 1.15 Attenuation (dB) 10.3 2 N-P*J 77 Power (W) Connectors Weight (g)
82
sExternal Dimensions
AT-400 Type
AT-500 Type
AT-600 Type
sTypical Data
AT-420 AT-403
AT-506
AT-410
AT-610 AT-406
AT-403
83


▲Up To Search▲   

 
Price & Availability of AT-510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X